PART |
Description |
Maker |
1106A 1106FA 1106UFA 1102FA 1102A 1102UFA 1110A 11 |
200 V - 1,000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
LMB10S |
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
|
Micro Commercial Compon...
|
MB2S MB10S |
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
|
GOOD-ARK Electronics
|
1210FE 1206FE 1202FE 1202E 1206E 1202UFE |
1000 V single phase bridge 3.0 A forward current, 150 ns recovery time 600 V single phase bridge 3.0 A forward current, 150 ns recovery time 200 V single phase bridge 3.0 A forward current, 150 ns recovery time 200 V single phase bridge 3.0 A forward current, 3000 ns recovery time 600 V single phase bridge 3.0 A forward current, 3000 ns recovery time 200 V single phase bridge 3.0 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
1106FD 1102UFD 1106D 1102D 1102FD 1110FD 1106UFD |
600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
T7000425 T7002025 T7000225 T7001335 T7002235 T7000 |
Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 1200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1800 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 2000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 600 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 第一阶段控制晶闸管(250-350安培200-2200伏特 Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 2200 V, SCR
|
Powerex Power Semicondu... Powerex Power Semiconductor... PHOENIX CONTACT Deutschland GmbH Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
FMD6S FMD3S FMD7S FMD2S FMD4S FMD5S FMD1S |
SINGLE-PHASE GLASS PASSIVATED MINI FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere) 0.5 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED MINI FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere) 0.5 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED MINI FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere) 0.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON[Rectron Semiconductor]
|
KS621K20 |
Single Darlington Transistor Module (200 Amperes/1000 Volts)
|
Powerex Power Semiconductors
|
MB251W-BP MB254W-BP MB2510W-BP MB2505W-BP MB256W-B |
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECT BRIDGE 25A 1000V WIRE LEADS 25 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
1102FB 1110UFB 1102B 1102UFB 1106B 1106FB 1106UFB |
200 V - 1,000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.]
|
MD6S MD5S MD7S MD1S MD2S MD3S MD4S |
SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere)
|
RECTRON[Rectron Semiconductor]
|
RB-156 |
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Compon...
|